Part Number Hot Search : 
AES1A 03033 M62462FP 67AXI 48S15 BT2907 30210 4AVC16
Product Description
Full Text Search
 

To Download MCP1701A-3302ITO Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2007 microchip technology inc. ds21991c-page 1 mcp1701a features ? 2.0 a typical quiescent current ? input operating voltage range up to 10.0v ? low-dropout voltage (ldo): - 120 mv (typical) @ 100 ma - 380 mv (typical) @ 200 ma ? high output current: 250 ma (v out = 5.0v) ? high-accuracy output voltage: 2% (max) ? low temperature drift: 100 ppm/c (typical) ? excellent line regulation: 0.2%/v (typical) ? package options: 3-pin sot-23a, 3-pin sot-89, and 3-pin to-92 ? short circuit protection ? standard output voltage options: - 1.8v, 2.5v, 3.0v, 3.3v, 5.0v applications ? battery-powered devices ? battery-powered alarm circuits ? smoke detectors ?co 2 detectors ? smart battery packs ?pdas ? low-quiescent current voltage reference ? cameras and portable video equipment ? pagers and cellular phones ? solar-powered instruments ? consumer products ? microcontroller power general description the mcp1701a is a family of cmos low-dropout, positive voltage regulators that can deliver up to 250 ma of current while consuming only 2.0 a of quiescent current (typ.). the input operating range is specified up to 10v, making it ideal for lithium-ion (one or two cells), 9v alkaline and other two and three primary cell battery-powered applications. the mcp1701a is capable of delivering 250 ma with an input-to-output voltage differential (dropout voltage) of 650 mv. the low-dropout voltage extends the battery operating lifetime. it also permits high currents in small packages when operated with minimum v in ? v out differentials. the mcp1701a offers improved startup and transient response. the mcp1701a has a tight tolerance output voltage regulation of 0.5% (typ.) and very good line regulation at 0.2%. the ldo output is stable when using only 1 f of output capacitanc e of either tantalum or aluminum-electrolytic style capacitors. the mcp1701a ldo also incorporates short circuit protection to ensure maximum reliability. package options include the 3-pin sot-23a, 3-pin sot-89 and 3-pin to-92. package types v in gnd v out 3 12 mcp1701a gnd v in v out 123 mcp1701a 3-pin sot-23a 3-pin sot-89 v in note: 3-pin sot-23a is equivalent to the eiaj sc-59. 3-pin to-92 12 3 v out v in gnd bottom view 2 a low-dropout positive voltage regulator
mcp1701a ds21991c-page 2 ? 2007 microchip technology inc. functional block diagram typical application circuits v in v out gnd short-circuit protection voltage reference + ? mcp1701a mcp1701a gnd v out v in c in 1 f tantalum c out 1 f tantalum v out v in 3.3v i out 50 ma 9v alkaline battery
? 2007 microchip technology inc. ds21991c-page 3 mcp1701a 1.0 electrical characteristics absolute maximum ratings ? input voltage ........................................................+12v output current (continuous)..........p d /(v in ? v out )ma output current (peak) ..................................... 500 ma output voltage ............... (gnd ? 0.3v) to (v in + 0.3v) continuous power dissipation: 3-pin sot-23a ............................................ 150 mw 3-pin sot-89............................................... 500 mw 3-pin to-92 ................................................. 300 mw ? notice: stresses above those listed under ?absolute maximum ratings? may cause permanent damage to the device. these are stress ratings only and functional operation of the device at these or any other conditions above those indicated in the operation sections of the specifications is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. electrical characteristics electrical specifications: unless otherwise specified, all limits are es tablished for an ambient temperature of t a = +25c. parameters sym min typ max units conditions output voltage regulation v out v r - 2% v r 0.5% v r + 2% v i out = 40 ma (note 1) maximum output current i out max 250 ? ? ma v out = 5.0v (v in = v r + 1.0v) 200 ? ? v out = 4.0v 150 ? ? v out = 3.3v 150 ? ? v out = 3.0v 125 ? ? v out = 2.5v 110 ? ? v out = 1.8v load regulation (note 3) v out/ v out -1.60 0.8 +1.60 % v out = 5.0v, 1 ma i out 100 ma -2.25 1.1 +2.25 v out = 4.0v, 1 ma i out 100 ma -2.72 1.3 +2.72 v out = 3.3v, 1 ma i out 80 ma -3.00 1.5 +3.00 v out = 3.0v, 1 ma i out 80 ma -3.60 1.8 +3.60 v out = 2.5v, 1 ma i out 60 ma -1.60 0.8 +1.60 v out = 1.8v, 1 ma i out 30 ma dropout voltage v in - v out ? 380 600 mv i out = 200 ma, v r = 5.0v ? 400 630 i out = 200 ma, v r = 4.0v ? 400 700 i out = 150 ma, v r = 3.3v ? 400 700 i out = 150 ma, v r = 3.0v ? 400 700 i out = 120 ma, v r = 2.5v ? 180 300 i out = 20 ma, v r = 1.8v input quiescent current i q ?2.0 4.5av in = v r + 1.0v line regulation v out ?100 v in ?v out ? 0.2 0.3 %/v i out = 40 ma, (v r +1) v in 10.0v input voltage v in ?? 10v temperature coefficient of output voltage tcv out ? 100 ? ppm/ c i out = 40 ma, -40c t a + 85c (note 2) output rise time t r ? 200 ? s 10% v r to 90% v r , v in = 0v to v r +1v, r l = 25 resistive 1: v r is the nominal regulator out put voltage. for example: v r = 1.8v, 2.5v, 3.3v, 4.0v, 5.0v. the input voltage v in = v r + 1.0v, i out = 40 ma. 2: tcv out = (v out-high ? v out-low ) *10 6 / (v r * temperature), v out-high = highest voltage measured over the temper ature range. v out-low = lowest voltage measured over the temperature range. 3: load regulation is measured at a constant juncti on temperature using low duty cycle pulse testing.
mcp1701a ds21991c-page 4 ? 2007 microchip technology inc. temperature characteristics electrical specifications: unless otherwise specified, t a = +25 c. parameters sym min typ max units conditions temperature ranges specified temperature range (i) t a -40 ? +85 c storage temperature range t a -40 ? +125 c package thermal resistances thermal resistance, 3l-sot-23a ja ? 335 ? c/w minimum trace width single layer application ? 230 ? c/w typical fr4, 4-layer application thermal resistance, 3l-sot-89 ja ? 52 ? c/w typical, when mounted on 1 square inch of copper thermal resistance, 3l-to-92 ja ? 131.9 ? c/w eia/jedec jesd51-751-7 4-layer board
? 2007 microchip technology inc. ds21991c-page 5 mcp1701a 2.0 typical performance curves notes: unless otherwise specified, v out = 1.8v, 3.3v, 5.0v, t a = +25c, c in = 1 f tantalum, c out = 1 f tantalum. figure 2-1: supply current vs. input voltage (v r = 1.8v). figure 2-2: supply current vs. input voltage (v r = 3.3v). figure 2-3: supply current vs. input voltage (v r = 5.0v). figure 2-4: supply current vs. load current (v r = 3.3v). figure 2-5: supply current vs. load current (v r = 5.0v). figure 2-6: supply current vs. temperature. note: the graphs and tables provided following this note ar e a statistical summary based on a limited number of samples and are provided for informational purposes on ly. the performance characteristics listed herein are not tested or guaranteed. in some graphs or t ables, the data presented ma y be outside the specified operating range (e.g., outside specified power suppl y range) and therefore outs ide the warranted range. 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 3 357911 input voltage (v) supply current ( a) v r = 1.8v +90c +25c -45c 1 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 4681012 input voltage (v) supply current ( a) +90c +25c -45c v r = 3.3v 1 1.2 1.4 1.6 1.8 2 2.2 2.4 6 7 8 9 10 11 12 input voltage (v) supply current ( a) +25c -45c +90c v r = 5.0v 1 1.1 1.2 1.3 1.4 1.5 1.6 1.7 0 50 100 150 200 load current (ma) supply current ( a) +90c +25c -45c v in = 4.3v v r = 3.3v 1 1.2 1.4 1.6 1.8 2 2.2 0 50 100 150 200 load current (ma) supply current ( a) +90c +25c -45c v in = 6.0v v r = 5.0v 1.2 1.4 1.6 1.8 2 2.2 -45 -25 -5 15 35 55 75 95 temperature (c) supply current ( a) v r = 5.0v v r = 3.3v v r = 1.8v v in = v r + 1.0v i out = 0 a
mcp1701a ds21991c-page 6 ? 2007 microchip technology inc. note: unless otherwise indicated, v out = 1.8v, 3.3v, 5.0v, t a = +25c, c in = 1 f tantalum, c out = 1 f tantalum. figure 2-7: output voltage vs. input voltage (v r = 1.8v). figure 2-8: output voltage vs. input voltage (v r = 3.3v). figure 2-9: output voltage vs. input voltage (v r = 5.0v). figure 2-10: output voltage vs. load current (v r = 1.8v). figure 2-11: output voltage vs. load current (v r = 3.3v). figure 2-12: output voltage vs. load current (v r = 5.0v). 1.72 1.74 1.76 1.78 1.8 1.82 1.84 1.86 1.88 3456789101112 input voltage (v) output voltage (v) +90c +25c -45c v r = 1.8v i out = 0.1 ma 3.24 3.26 3.28 3.3 3.32 3.34 3.36 3.38 3.4 456789101112 input voltage (v) output voltage (v) +90c +25c -45c v r = 3.3v i out = 0.1 ma 4.98 5 5.02 5.04 5.06 5.08 5.1 5.12 6 7 8 9 10 11 12 input voltage (v) output voltage (v) +90c +25c -45c v r = 5.0v i out = 0.1 ma 1.71 1.72 1.73 1.74 1.75 1.76 1.77 1.78 1.79 1.8 1.81 1.82 0 20406080100 load current (ma) output voltage (v) +90c +25c -45c v r = 1.8v v in = 3.0v 3.25 3.26 3.27 3.28 3.29 3.3 3.31 3.32 3.33 0 30 60 90 120 150 load current (ma) output voltage (v) +90c +25c -45c v r = 3.3v v in = 4.3v 4.97 4.98 4.99 5 5.01 5.02 5.03 5.04 0 50 100 150 200 250 load current (ma) output voltage (v) +90c +25c -45c v r = 5.0v v in = 6.0v
? 2007 microchip technology inc. ds21991c-page 7 mcp1701a note: unless otherwise indicated, v out = 1.8v, 3.3v, 5.0v, t a = +25c, c in = 1 f tantalum, c out = 1 f tantalum. figure 2-13: dropout voltage vs. load current (v r = 1.8v). 0 figure 2-14: dropout voltage vs. load current (v r = 3.3v). figure 2-15: dropout voltage vs. load current (v r = 5.0v). figure 2-16: start-up from v in (v r = 1.8v). figure 2-17: start-up from v in (v r = 3.3v). figure 2-18: start-up from v in (v r = 5.0v). 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0 20406080100 load current (ma) dropout voltage (v) +90c +25c -45c v r = 1.8v 0.00 0.10 0.20 0.30 0.40 0.50 0 255075100125150 load current (ma) dropout voltage (v) +90c +25c -45c v r = 3.3v 0 0.1 0.2 0.3 0.4 0.5 0.6 0 50 100 150 200 250 load current (ma) dropout voltage (v) +90c +25c -45c v r = 5.0v
mcp1701a ds21991c-page 8 ? 2007 microchip technology inc. note: unless otherwise indicated, v out = 1.8v, 3.3v, 5.0v, t a = +25c, c in = 1 f tantalum, c out = 1 f tantalum. figure 2-19: load regulation vs. temperature (v r = 1.8v). figure 2-20: load regulation vs. temperature (v r = 3.3v). figure 2-21: load regulation vs. temperature (v r = 5.0v). figure 2-22: line regulation vs. temperature (v r = 1.8v). figure 2-23: line regulation vs. temperature (v r = 3.3v). figure 2-24: line regulation vs. temperature (v r = 5.0v). -0.40 -0.35 -0.30 -0.25 -0.20 -0.15 -0.10 -0.05 0.00 -45 -30 -15 0 15 30 45 60 75 90 temperature (c) load regulation (%) v in = 12.0v v in = 6.0v v in = 8.0v v in = 10.0v v r = 1.8v i out = 1 to 30 ma v in = 3.0v -0.75 -0.70 -0.65 -0.60 -0.55 -0.50 -0.45 -0.40 -0.35 -45 -25 -5 15 35 55 75 temperature (c) load regulation (%) v in = 12.0v v in = 8.0v v in = 10.0v v r = 3.3v i out = 1 to 80 ma v in = 4.3v -0.65 -0.60 -0.55 -0.50 -0.45 -0.40 -0.35 -0.30 -0.25 -0.20 -45 -25 -5 15 35 55 75 temperature (c) load regulation (%) v in = 12.0v v in = 6.0v v in = 8.0v v in = 10.0v v r = 5.0v v in = 6.0v to 12v 0.00 0.02 0.04 0.06 0.08 0.10 0.12 0.14 0.16 0.18 -45 -30 -15 0 15 30 45 60 75 90 temperature (c) line regulation (%/v) i out = 0 ma i out = 0.1 ma i out = 1.0 ma i out = 100 ma i out = 10 ma v r = 1.8v v in = 2.8v to 10v 0.04 0.06 0.08 0.10 0.12 0.14 0.16 0.18 -45 -30 -15 0 15 30 45 60 75 90 temperature (c) line regulation (%/v) i out = 0 ma i out = 10 ma i out = 100 ma i out = 200 ma v r = 3.3v v in = 4.3v to 10v i out = 300 ma 0.06 0.08 0.10 0.12 0.14 0.16 0.18 -45 -30 -15 0 15 30 45 60 75 90 temperature (c) line regulation (%/v) i out = 300 ma i out = 200 ma i out = 100 ma i out = 10 ma i out = 1 ma i out = 0 ma v r = 5.0v v in = 6.0v to 10v
? 2007 microchip technology inc. ds21991c-page 9 mcp1701a 3.0 pin descriptions the descriptions of the pins are listed in table 3-1 . table 3-1: pin function table 3.1 ground terminal (gnd) regulator ground. tie gnd to the negative side of the output and the negative side of the input capacitor. only the ldo bias current (2 a, typ.) flows out of this pin, there is no high current. the ldo output regulation is referenced to this pin. minimize voltage drops between this pin and the negative side of the load. 3.2 regulated voltage output (v out ) connect v out to the positive side of the load and the positive terminal of the output capacitor. the positive side of the output capa citor should be physically located as close as possible to the ldo v out pin. the current flowing out of this pin is equal to the dc load current. 3.3 unregulated supply input (v in ) connect the input supply voltage and the positive side of the input capacitor to v in . like all low-dropout linear regulators, low source impedance is necessary for the stable operation of the ldo. the amount of capacitance required to ensure low source impedance will depend on the proximity of the input source capacitors or battery type. the input capacitor should be physically located as close as possible to the v in pin. for most applications, 1 f of capacitance will ensure stable operation of the ldo circuit. for applications that have load currents below 100 ma, the input capacitance requirement can be lowered. the type of capacitor used can be ceramic, tantalum or aluminum electrolytic. the low equivalent series resistance characteristics of the ceramic will yield better noise and psrr performance at high frequency. the current flow into this pin is equal to the dc load current, plus the ldo bias current (2 a, typical). pin no. sot-23a pin no. sot-89 pin no. to-92 name function 1 1 1 gnd ground terminal 233v out regulated voltage output 322v in unregulated supply input
mcp1701a ds21991c-page 10 ? 2007 microchip technology inc. 4.0 detailed description the mcp1701a is a low-quiescent current, precision, fixed-output voltage ldo. unlike bipolar regulators, the mcp1701a supply current does not increase proportionally with load current. 4.1 output capacitor a minimum of 1 f output capacitor is required. the output capacitor should have an esr greater than 0.1 and less than 5 , plus a resonant frequency above 1 mhz. larger output capacitors can be used to improve supply noise reject ion and transient response. care should be taken when increasing c out to ensure that the input impedance is not high enough to cause high input impedance oscillation. 4.2 input capacitor a 1 f input capacitor is recommended for most applications when the input impedance is on the order of 10 . larger input capacitance may be required for stability when operating from a battery input, or if there is a large distance from the input source to the ldo. when large values of output capacitance are used, the input capacitance should be increased to prevent high source impedance oscillations. 4.3 overcurrent the mcp1701 internal circuitry monitors the amount of current flowing through the p-channel pass transistor. in the event of a short circuit or excessive output current, the mcp1701 will act to limit the output current. figure 4-1: mcp1701a block diagram. v in v out gnd short circuit protection voltage reference + ?
? 2007 microchip technology inc. ds21991c-page 11 mcp1701a 5.0 thermal considerations 5.1 power dissipation the amount of power dissipa ted internal to the ldo linear regulator is the sum of the power dissipation within the linear pass device (p-channel mosfet) and the quiescent current required to bias the internal reference and error amplifier. the internal linear pass device power dissipation is calculated as shown in equation 5-1 . equation 5-1: the internal power dissipation, as a result of the bias current for the ldo internal reference and error amplifier, is calculated as shown in equation 5-2 . equation 5-2: the total internal power dissipation is the sum of p d (pass device) and p d (bias). equation 5-3: for the mcp1701a, the internal quiescent bias current is so low (2 a, typ.) that the p d (bias) term of the power dissipation equation can be ignored. the maximum power dissipation can be estimated by using the maximum input voltage and the minimum output voltage to obtain a maximum voltage differential between input and output. the next step would be to multiply the maximum voltage differential by the maximum output current. equation 5-4: to determine the junction te mperature of the device, the thermal resistance from junction-to-ambient must be known. the 3-pin sot-23a thermal resistance from junction-to-air (r ja ) is estimated to be approximately 335c/w. the sot-89 r ja is estimated to be approximately 52c/w when mounted on 1 square inch of copper. the r ja will vary with ph ysical layout, airflow and other application-specific conditions. the device junction temperature is determined by calculating the junction temperature rise above ambient, then adding the rise to the ambient temperature. equation 5-5: junc tion temperature ? sot-23a example: equation 5-6: junc tion temperature ? sot-89 example: p d (pass device) = (v in ? v out ) x i out p d (bias) = v in x i gnd p total = p d (pass device) + p d (bias) p d = (v inmax ? v outmin ) x i outmax given: v in = 3.3v to 4.1v v out =3.0v 2% i out = 1 ma to 100 ma t amax = 55c p max = (4.1v ? (3.0v x 0.98)) x 100 ma t j p dmax r ja t a + = t j 116.0 milliwatts 335c/w 55c + = t j 93.9c = t j 116.0 milliwatts 52c/w 55c + = t j 61c =
mcp1701a ds21991c-page 12 ? 2007 microchip technology inc. 6.0 packaging information 6.1 package marking information symbol voltage symbol voltage ax.0fx.5 bx.1hx.6 cx.2kx.7 dx.3lx.8 ex.4mx.9 3-pin sot-23a 3-pin sot-89 1 1 2 2 4 3 4 3 line 1 line 2 1 represents first voltage digit 1v, 2v, 3v, 4v, 5v, 6v ex: 3.xv = 3 2 represents first decimal place voltage (x.0 - x.9) ex: 3.4v = 3 e 3 represents polarity 0 = positive (fixed) 4 represents assembly lot number 3-pin to-92 8 12 4 7 11 3 6 10 2 5 9 1 = 701a (fixed) 1 , 2 , 3 & 4 5 represents first voltage digit (1-6) 6 represents first voltage decimal (0-9) 7 represents extra feat ure code: fixed: 0 represents regulation accuracy 8 2 = 2.0% (standard) 9 , 10, represents assembly lot number 11 & 12
? 2007 microchip technology inc. ds21991c-page 13 mcp1701a 3-lead plastic small outline transistor (cb) [sot-23a] notes: 1. dimensions d and e1 do not include mold flash or protrusions. mold flash or protrusions shall not exceed 0.127 mm per side. 2. dimensioning and tolerancing per asme y14.5m. bsc: basic dimension. theoretically exact value shown without tolerances. note: for the most current package drawings, please see the microchip packaging specification located at http://www.microchip.com/packaging units millimeters dimension limits min nom max number of pins n 3 lead pitch e 0.95 bsc outside lead pitch e1 1.90 bsc overall height a 0.89 ? 1.45 molded package thickness a2 0.90 ? 1.30 standoff a1 0.00 ? 0.15 overall width e 2.10 ? 3.00 molded package width e1 1.20 ? 1.80 overall length d 2.70 ? 3.10 foot length l 0.15 ? 0.60 foot angle 0 ? 30 lead thickness c 0.09 ? 0.26 lead width b 0.30 ? 0.51 d e e1 2 1 e e1 n b a a1 a2 c l microchip technology drawing c04-130b
mcp1701a ds21991c-page 14 ? 2007 microchip technology inc. 3-lead plastic small outline transistor header (mb) [sot-89] notes: 1. dimensions d and e do not include mold flash or protrusions. mold flash or protrusions shall not exceed 0.127 mm per side. 2. dimensioning and tolerancing per asme y14.5m. bsc: basic dimension. theoretically exact value shown without tolerances. note: for the most current package drawings, please see the microchip packaging specification located at http://www.microchip.com/packaging units millimeters dimension limits min max number of leads n 3 pitch e 1.50 bsc outside lead pitch e1 3.00 bsc overall height a 1.40 1.60 overall width h 3.94 4.25 molded package width at base e 2.29 2.60 molded package width at top e1 2.13 2.29 overall length d 4.39 4.60 tab length d1 1.40 1.83 foot length l 0.79 1.20 lead thickness c 0.35 0.44 lead 2 width b 0.41 0.56 leads 1 & 3 width b1 0.36 0.48 d d1 e h n b1 e1 b 2 1 e b1 l a c e1 microchip technology drawing c04-029b
? 2007 microchip technology inc. ds21991c-page 15 mcp1701a 3-lead plastic transistor outline (to) [to-92] notes: 1. dimensions a and e do not include mold flash or protrusions. mold flash or protrusions shall not exceed .005" per side. 2. dimensioning and tolerancing per asme y14.5m. bsc: basic dimension. theoretically exact value shown without tolerances. note: for the most current package drawings, please see the microchip packaging specification located at http://www.microchip.com/packaging units inches dimension limits min max number of pins n 3 pitch e .050 bsc bottom to package flat d .125 .165 overall width e .175 .205 overall length a .170 .210 molded package radius r .080 .105 tip to seating plane l .500 ? lead thickness c .014 .021 lead width b .014 .022 e a n 1 l b e c r d 1 2 3 microchip technology drawing c04-101b
mcp1701a ds21991c-page 16 ? 2007 microchip technology inc. notes:
? 2007 microchip technology inc. ds21991c-page 17 mcp1701a appendix a: revision history revisions c (february 2007) ? updated packaging information revision b (september 2006) ? numerous changes to section 1.0. electrical characteristics ? added disclaimer to package outline drawings. revision a (february 2006) ? original release of this document.
mcp1701a ds21991c-page 18 ? 2007 microchip technology inc. notes:
? 2007 microchip technology inc. ds21991c-page 19 mcp1701a product identification system to order or obtain information, e.g., on pricing or de livery, refer to the factory or the listed sales office . device: mcp1701a: 2 a low-dropout positive voltage regulator tape and reel: t = tape and reel output voltage: 18 = 1.8v ?standard? 25 = 2.5v ?standard? 30 = 3.0v ?standard? 33 = 3.3v ?standard? 50 = 5.0v ?standard? *contact factory for other output voltage options. extra feature code: 0 = fixed tolerance: 2 = 2.0% (standard) temperature: i = -40 c to +85 c package type: cb = 3-pin sot-23a (equivalent to eiaj sc-59) mb = 3-pin sot-89 to = 3-pin to-92 part no. x xx output feature code device voltage x tolerance x temp. / xx package x- tape and reel examples: a) mcp1701at-1802i/cb: 1.8v ldo positive voltage regulator, sot-23a-3 pkg. b) mcp1701at-1802i/mb: 1.8v ldo positive voltage regulator, sot89-3 pkg. c) mcp1701a-1802i/to: 1.8v ldo positive voltage regulator, to-92 pkg. d) mcp1701at-2502i/cb: 2.5v ldo positive voltage regulator, sot-23a-3 pkg. e) mcp1701a-2502i/to: 2.5v ldo positive voltage regulator, to-92 pkg. f) mcp1701at-3002i/cb: 3.0v ldo positive voltage regulator, sot-23a-3 pkg. g) mcp1701at-3002i/mb: 3.0v ldo positive voltage regulator, sot89-3 pkg. h) mcp1701a-3002i/to: 3.0v ldo positive voltage regulator, to-92 pkg. i) mcp1701at-3302i/cb: 3.3v ldo positive voltage regulator, sot-23a-3 pkg. j) mcp1701at-3302i/mb: 3.3v ldo positive voltage regulator, sot89-3 pkg. k) mcp1701at-5002i/cb: 5.0v ldo positive voltage regulator, sot-23a-3 pkg. l) mcp1701at-5002i/mb: 5.0v ldo positive voltage regulator, sot89-3 pkg. m) mcp1701a-5002i/to: 5.0v ldo positive voltage regulator, to-92 pkg.
mcp1701a ds21991c-page 20 ? 2007 microchip technology inc. notes:
? 2007 microchip technology inc. ds21991c-page 21 information contained in this publication regarding device applications and the like is prov ided only for your convenience and may be superseded by updates. it is your responsibility to ensure that your application me ets with your specifications. microchip makes no representations or warranties of any kind whether express or implied, written or oral, statutory or otherwise, related to the information, including but not limited to its condition, quality, performance, merchantability or fitness for purpose . microchip disclaims all liability arising from this information and its use. use of microchip devices in life support and/or safe ty applications is entirely at the buyer?s risk, and the buyer agrees to defend, indemnify and hold harmless microchip from any and all damages, claims, suits, or expenses resulting fr om such use. no licenses are conveyed, implicitly or ot herwise, under any microchip intellectual property rights. trademarks the microchip name and logo, the microchip logo, accuron, dspic, k ee l oq , k ee l oq logo, micro id , mplab, pic, picmicro, picstart, pro mate, powersmart, rfpic, and smartshunt are registered trademarks of microchip technology incorporated in the u.s.a. and other countries. amplab, filterlab, linear active thermistor, migratable memory, mxdev, mxlab, ps logo, seeval, smartsensor and the embedded control solutions company are registered trademarks of microc hip technology incorporated in the u.s.a. analog-for-the-digital age, a pplication maestro, codeguard, dspicdem, dspicdem.net, dspicworks, ecan, economonitor, fansense, flexrom, fuzzylab, in-circuit serial programming, icsp, icepic, mindi, miwi, mpasm, mplab certified logo, mplib, mplink, pickit, picdem, picdem.net, piclab, pictail, powercal, powerinfo, powermate, powertool, real ice, rflab, rfpicdem, select mode, smart serial, smarttel, total endurance, uni/o, wiperlock and zena are trademarks of microchip technology incorporated in the u.s.a. and other countries. sqtp is a service mark of mi crochip technology incorporated in the u.s.a. all other trademarks mentioned herein are property of their respective companies. ? 2007, microchip technology incorporated, printed in the u.s.a., all rights reserved. printed on recycled paper. note the following details of the code protection feature on microchip devices: ? microchip products meet the specification cont ained in their particular microchip data sheet. ? microchip believes that its family of products is one of the mo st secure families of its kind on the market today, when used i n the intended manner and under normal conditions. ? there are dishonest and possibly illegal meth ods used to breach the code protection fe ature. all of these methods, to our knowledge, require using the microchip pr oducts in a manner outside the operating specif ications contained in microchip?s data sheets. most likely, the person doing so is engaged in theft of intellectual property. ? microchip is willing to work with the customer who is concerned about the integrity of their code. ? neither microchip nor any other semiconduc tor manufacturer can guarantee the security of their code. code protection does not mean that we are guaranteeing the product as ?unbreakable.? code protection is constantly evolving. we at microchip are committed to continuously improving the code protection features of our products. attempts to break microchip?s c ode protection feature may be a violation of the digital millennium copyright act. if such acts allow unauthorized access to your softwar e or other copyrighted work, you may have a right to sue for relief under that act. microchip received iso/ts-16949:2002 certification for its worldwide headquarters, design and wafer fabrication facilities in chandler and tempe, arizona, gresham, oregon and mountain view, california. the company?s quality system processes and procedures are for its pic ? mcus and dspic ? dscs, k ee l oq ? code hopping devices, serial eeproms, microperipherals, nonvolatile memory and analog products. in addition, microchip?s quality system for the design and manufacture of development syst ems is iso 9001:2000 certified.
ds21991c-page 22 ? 2007 microchip technology inc. americas corporate office 2355 west chandler blvd. chandler, az 85224-6199 tel: 480-792-7200 fax: 480-792-7277 technical support: http://support.microchip.com web address: www.microchip.com atlanta duluth, ga tel: 678-957-9614 fax: 678-957-1455 boston westborough, ma tel: 774-760-0087 fax: 774-760-0088 chicago itasca, il tel: 630-285-0071 fax: 630-285-0075 dallas addison, tx tel: 972-818-7423 fax: 972-818-2924 detroit farmington hills, mi tel: 248-538-2250 fax: 248-538-2260 kokomo kokomo, in tel: 765-864-8360 fax: 765-864-8387 los angeles mission viejo, ca tel: 949-462-9523 fax: 949-462-9608 santa clara santa clara, ca tel: 408-961-6444 fax: 408-961-6445 toronto mississauga, ontario, canada tel: 905-673-0699 fax: 905-673-6509 asia/pacific asia pacific office suites 3707-14, 37th floor tower 6, the gateway habour city, kowloon hong kong tel: 852-2401-1200 fax: 852-2401-3431 australia - sydney tel: 61-2-9868-6733 fax: 61-2-9868-6755 china - beijing tel: 86-10-8528-2100 fax: 86-10-8528-2104 china - chengdu tel: 86-28-8665-5511 fax: 86-28-8665-7889 china - fuzhou tel: 86-591-8750-3506 fax: 86-591-8750-3521 china - hong kong sar tel: 852-2401-1200 fax: 852-2401-3431 china - qingdao tel: 86-532-8502-7355 fax: 86-532-8502-7205 china - shanghai tel: 86-21-5407-5533 fax: 86-21-5407-5066 china - shenyang tel: 86-24-2334-2829 fax: 86-24-2334-2393 china - shenzhen tel: 86-755-8203-2660 fax: 86-755-8203-1760 china - shunde tel: 86-757-2839-5507 fax: 86-757-2839-5571 china - wuhan tel: 86-27-5980-5300 fax: 86-27-5980-5118 china - xian tel: 86-29-8833-7250 fax: 86-29-8833-7256 asia/pacific india - bangalore tel: 91-80-4182-8400 fax: 91-80-4182-8422 india - new delhi tel: 91-11-4160-8631 fax: 91-11-4160-8632 india - pune tel: 91-20-2566-1512 fax: 91-20-2566-1513 japan - yokohama tel: 81-45-471- 6166 fax: 81-45-471-6122 korea - gumi tel: 82-54-473-4301 fax: 82-54-473-4302 korea - seoul tel: 82-2-554-7200 fax: 82-2-558-5932 or 82-2-558-5934 malaysia - penang tel: 60-4-646-8870 fax: 60-4-646-5086 philippines - manila tel: 63-2-634-9065 fax: 63-2-634-9069 singapore tel: 65-6334-8870 fax: 65-6334-8850 taiwan - hsin chu tel: 886-3-572-9526 fax: 886-3-572-6459 taiwan - kaohsiung tel: 886-7-536-4818 fax: 886-7-536-4803 taiwan - taipei tel: 886-2-2500-6610 fax: 886-2-2508-0102 thailand - bangkok tel: 66-2-694-1351 fax: 66-2-694-1350 europe austria - wels tel: 43-7242-2244-39 fax: 43-7242-2244-393 denmark - copenhagen tel: 45-4450-2828 fax: 45-4485-2829 france - paris tel: 33-1-69-53-63-20 fax: 33-1-69-30-90-79 germany - munich tel: 49-89-627-144-0 fax: 49-89-627-144-44 italy - milan tel: 39-0331-742611 fax: 39-0331-466781 netherlands - drunen tel: 31-416-690399 fax: 31-416-690340 spain - madrid tel: 34-91-708-08-90 fax: 34-91-708-08-91 uk - wokingham tel: 44-118-921-5869 fax: 44-118-921-5820 w orldwide s ales and s ervice 12/08/06


▲Up To Search▲   

 
Price & Availability of MCP1701A-3302ITO

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X